Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A2Y-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E8Y-A2Y-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A2Y-R Datasheet(HTML) 7 Page - Omron Electronics LLC

  E8Y-A2Y-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
E8Y
E8Y
8
Unit: mm (inch)
s ACCESSORIES
Mounting Bracket A
Mounting Bracket B
4.2 dia.
13
(0.51)
4.2
(0.17)
19
(0.75)
24 (0.94)
35 (1.38)
25 (0.98)
1.8
(0.07)
Two-3.7 dia.
30 (1.18)
22
(0.87)
22
(0.87)
26 (1.02)
Provided with E8Y
4.2 dia.
16.4 (0.65)
35 (1.38)
25 (0.98)
Two-3.7 dia.
1.8
(0.07)
Provided with E8Y
4.2
(0.17)
13 (0.51)
19.6 (0.77)
15 (0.59)
15.6
(0.61)
11.4
(0.45)
30 (1.18)
22
(0.87)
s CONTROLLER OF FLOW SENSOR
Vertical-mounting Type
E8Y-A5C-F03V
E8Y-A5C-F20V
Horizontal-mounting Type
E8Y-A5C-F03H
E8Y-A5C-F20H
IN
OUT
31 (1.22)
13 dia.
67.3
(2.65)
47.3
(1.86)
30
(1.18)
Two-Rc (PT)
1/8 taper screw
41.3 (1.63)
14 (0.55)
Vinal-insulated round
cable 4.0 dia. 4 cores
5 (0.20)
2 m (78.7)
30 (1.18)
10 (0.39)
20 (0.79)
23 (0.91)
39.3
(1.55)
Mounting holes
(through) Two-3.7 dia.
Mounting screw
(through) Two-M3 screw
31
(1.22)
13 dia.
67.3 (2.65)
47.3 (1.86)
30 (1.18)
41.3 (1.63)
14 (0.55)
7 (0.28)
Two-Rc (PT)
1/8 taper screw
5 (0.20)
2 m (78.7)
30 (1.18)
10 (0.39)
20 (0.79)
Vinal-insulated round
cable 4.0 dia. 4 cores
33.5 (1.32)
23 (0.91)
39.3 (1.55)
Mounting holes
(through)
Two-3.7 dia.
Mounting screw
(through)
Two-M3 screw
Two-1/8 NPT
taper screw
Two-1/8 NPT
taper screw
Two-3.7 (0.15) dia.
Two-3.7 (0.15) dia.
Vinyl-insulated round
cable 4.0 dia. 4 cores
Vinyl-insulated round
cable 4.0 dia. 4 cores



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com