Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A2Y-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E8Y-A2Y-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A2Y-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  E8Y-A2Y-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
E8Y
E8Y
3
Item
E8Y-A2C
E8Y-A5C
E8Y-A2Y
E8Y-A5Y
E8Y-A5C-F03V
E8Y-A5Y-F20V
E8Y-A2C-R
E8Y-A5C-R
E8Y-A2Y-R
E8Y-A5Y-R
E8Y-A5C-F03H
E8Y-A5Y-F20H
E8Y-A2C-D
E8Y-A5C-D
E8Y-A2Y-D
E8Y-A5Y-D
E8Y-A2C-RD
E8Y-A5C-RD
E8Y-A2Y-RD
E8Y-A5Y-RD
Sensor type
Differential pressure sensor
Flow sensor
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
50 mA max.
75 mA max.
50 mA max.
Pressure type
Differential pressure
Differential pressure sensing
Rated pressure /
0 to 2.0 kPa
0 to 5.0 kPa
0 to 2.0 kPa
0 to 5.0 kPa
0.3 to 3.0 L/min.
2.0 to 20.0 L/min.
volume range
0 to 0.29 psi
0 to 0.73 psi
0 to 0.29 psi
0 to 0.73 psi
0.068 to 0.68 gal/min.
0.45 to 4.54 gal/min.
Withstand pressure /
50 kPa (7.25 psi)
5 L/min (1.14 gal)
40 L/min (9.08 gal)
volume
Applicable fluid
Non-corrosive gas and non-flammable gas
Accuracy
±3% FS max.
Linearity
±1% FS max.
Responce time
±0.5 sec max.
(digital output)
Linear output
—
4 to 20 mA
±1%FS with a
—
permissible resistive load
of 250
Ω
Digital output
NPN open collector (NO/NC)
Load current: 100 mA max.
Applied voltage: 30 VDC max.
Residual voltage: 1 V max. with a load current of 100 mA or 0.4 V max. with a load current of 16 mA
Display
3 digit red LED; the orange LED indicator is lit for two independent outputs.
Display accuracy
±1% FS
±3% FS
Circuit protection
Reverse polarity connection, load short-circuiting
Ambient temperature
Operating: -10
°C to 55°C (14°F to 131°F) with no icing
Storage: -25
°C to 65°C (-13°F to 149°F)
Ambient humidity
Operating: 25% to 85% (with no condensation)
Temperature influence
±3% FS max.
Voltage influence
±1.5% FS max.
Setting resolution
0.01 kPa
0.001 psi
0.0 1L/min.
0.1 L/min.
Insulation resistance
100 M
Ω (at 500 VDC) between current-carry parts and case
Dielectic strength
1,000 VAC 50/60 Hz at 1 min.
Vibration resistance
Endurance: 10 to 500 Hz, 1.0-mm double amplitude or 150 m/s2, 3 times each for 11 min. in X, Y and Z directions
Shock resistance
Endurance: 300 m/s2 (30G) 3 times each to X,Y and Z directions
Degree of protection
IEC60529, IP40
Pressure port
NPT 1/8 female screw or 4.5 dia. pipe
1/8 NPT female screw
Connection method
Pre-wired (standard length: 2 m)
Cable
Approved by UL
Weight
Approx. 80 g (2.8 oz)
Approx. 160 g (5.6 oz)
(including packing material)
(including packing material)
Material
Pressure port: resin pipe for 4.5 dia., zinc die-cast for 1/8 NPT taper screw
Case: heat-resistant PBT
Accessories
Mounting bracket and instruction sheet
Instruction sheet
Specifications
s RATINGS/CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com