Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A2Y-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E8Y-A2Y-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A2Y-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  E8Y-A2Y-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A2Y-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
E8Y
E8Y
5
s FUNCTIONS
Operation
Function
Description
Pressure units
Switches between mmH2O and kPa, excluding the E8Y- -F
flow sensor.
switching
Comparitive ON/
Two independent outputs can be set.
OFF output (two
(1) Output mode (mode is automatically determined from the ON and OFF point set values.)
independent
Hysteresis mode:
outputs
If ON point point set value > OFF point set value
For normal open:
For normal close:
Window mode:
If ON point set value < OFF point set value
For normal open:
For normal close:
(2) Setting mode
ON point / OFF point: Each output can be set in the range from 0 to the rated value. Set value: 0 to rated value
Output configuration:
Each output can be set as normally open (NO) or normally closed (NC).
Setting: NO <> NC
Hysteresis:
Each output can be set at 10% of the range from 0 to the rated value. (Effective in
window mode and 2-point auto-teaching mode.) Setting range: (0 to rated value) x 10%
Auto-teaching
When the auto-teaching mode is used, measured values can be input as ON point or OFF point set values
instead of key inputs. Two types of auto-teaching are available: 1-point auto-teaching, where only one single
point is set, and 2-point auto-teaching, where two points are set.
(1) 2-point auto-teaching (Hysteresis mode teaching)
This function automatically sets the ON point and OFF point for the comparative output by designating a point
with no object (TEACH 1) and a point with an object (TEACH 2) using actual objects. The outputs are made in
hysteresis mode. The hysteresis is a set value.
The set value is the mid-point between TEACH 1 and TEACH 2.
Example: If TEACH 1 is 0.25 kPa and TEACH 2 is 0.95 kPa, the ON point set value = (0.95+0.25)/2 = 0.60
(This table continues on the next page)
0
Output
ON
OFF
OFF set value ON set value
Pressure value
0
Output
ON
OFF
OFF set value
ON set value
Pressure value
Hysteresis width
(set value)
Output
ON
OFF
OFF set value ON set value
Pressure value
Hysteresis width
(set value)
Output
ON
OFF
OFF set value
ON set value
Pressure value
Hysteresis width
(set value)
Hysteresis width
(set value)
0
Output
ON
OFF
OFF
point
Pressure value
ON
point
Hysteresis width
Set value
TEACH 1
TEACH 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com