Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP125 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 4 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M
Scotch-Weld
Epoxy Adhesives
DP125 Translucent and Gray
- 4 -
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength vs Temperature12
(Bonds cured 24 hr @ RT + 2 hrs @ 160°F)
Bonds tested at
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Translucent
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Gray
-67°F
4000 psi
3400 psi
70°F
2500 psi
4300 psi
120°F
400 psi
700 psi
150°F
190 psi
450 psi
180°F
150 psi
400 psi
180° Peel Strength vs Temperature13
(Bonds cured 24 hr @ RT + 2 hrs @ 160°F)
3M™ Scotch-Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-Weld™ Epoxy
Adhesive DP125
Gray
-67°F
3 piw
3 piw
70°F
35 piw
35 piw
120°F
10 piw
18 piw
150°F
3 piw
3 piw
180°F
2 piw
2 piw
Solvent Resistance14
3M™ Scotch-Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-Weld™ Epoxy
Adhesive DP125
Gray
One Hour/One Month
One Hour/One Month
Acetone
A/A
A/A
Isopropyl Alcohol
A/A
A/A
Freon TF
A/A
A/A
Freon TMC
A/B
A/B
1,1,1-Trichlorethane
A/A
A/A
RMA Flux
A/A
A/A
Key: A - Unaffected, B - Slight Attack, C - Moderate/Severe Attack
Footnotes:
12. Overlap shear (OLS) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate. The thickness of the bond line was 0.005-0.008 in. All strengths were
measured at 70°F except were noted. (Test per ASTM D 1002-72.)
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics and 20 in. per minute
for rubbers. The thickness of the substrates were: steel, 0.060 in.; other metals, 0.05-0.064 in.; rubber, 0.125 in.; plastics,
0.125 in.
13. T-peel strengths were measured on 1 in. wide bonds at 73°F. The testing jaw separation rate was 20 inches per minute.
The substrates were 0.020 in. thick. (Tests per ASTM D 1876-61T.)
14. Solvent resistance was determined using cured (24 hrs RT + 2 hrs 160°F) samples (1/2 in. x 4 in. x 1/8 in. thickness)
immersed in the test solvent for 1 hour and 1 month. After the allotted period of time the sample was removed and visually
examined for surface attack as compared to the control.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com