Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP125 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 2 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M
Scotch-Weld
Epoxy Adhesives
DP125 Translucent and Gray
- 2 -
Typical Cured
Properties
Footnotes:
2. Worklife determined using 3M test
method C-3180. Procedure involves
periodically measuring a 2 gram
mixed mass for self leveling and
wetting properties. This time will
also approximate the usable
worklife
in an 3M™ EPX
Applicator mixing nozzle.
3. Tack-free time determined per 3M
test method C-3173. Involves
dispensing 0.5 gram amount of
adhesive onto substrate and
testing periodically for no adhesive
transfer to metal spatula.
4. Handling strength determined per
3M test method C-3179. Time to
handling strength taken to be that
required to achieve a 50 psi OLS
strength using aluminum
substrates.
5. The cure time is defined as that
time required for the adhesive to
achieve a minimum of 80% of the
ultimate strength as measured by
aluminum-aluminum OLS.
6. Tensile and Elongation. Used
procedure in 3M test method
C-3094/ATSM D 882. Samples
were 2 in. dumbbells with .0125 in.
neck and .030 in. sample
thickness. Separation rate was 2
inches per minute. Samples cured
2 hrs RT plus 2 hrs/160°F.
7. Weight loss by TGA reported as
that temperature at which 5%
weight loss occurs by TGA in air at
5°C rise per minute per ASTM
1131-86.
8. TCE determined using TMA
Analyzer using a heating rate of
10°C per minute. Second heat
values given.
9. Glass Transition Temperature (Tg)
determined using DSC Analyzer
with a heating rate of 20°C per
minute. Second heat values given.
10. Thermal conductivity determined
using ASTM C177 and C-matic
Instrument using 2 in. diameter
samples.
11. Thermal shock resistance run per
3M test method C-3174. Involves
potting a metal washer into a 2 in.
x 0.5 in. thick section and cycling
this test specimen to colder and
colder temperatures.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Physical
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Translucent
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Gray
Color
Translucent
Gray
Hardness (ASTM D 2240)
Shore D
55
70
Worklife2
20-30 minutes
20-30 minutes
Tack-free Time3
 2 hrs
 2 hrs
Time to Handling Strength4
 2.5 hrs
 2.5 hrs
Full Cure Time5
7 days
7 days
Elongation6
150%
120%
Tensile Strength6
2500 psi
3300 psi
Thermal
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Gray
Weight Loss by Thermal Gravimetric
Analysis (TGA)7
1% @ 164°C
5% @ 301°C
1% @ 176°C
5% @ 303°C
Thermal Coefficient of Expansion (TCE)
by TMA8 (
 x 10-6 units/unit/°C)
Below Tg
Above Tg
112 (5-20°C range)
190 (65-140°C range)
98 (5-20°C range)
187 (65-140°C range)
Glass Transition Temperature
(Tg) by DCS9
Onset
Mid-Point
3°C
15°C
12°C
23°C
Thermal Conductivity10
(@ 110°F on .250 in. samples)
BTU - ft./ft.2 - hr. - °F)
Cal./sec. - cm - °C)
Watt/m - °C
.089
.37 x 10-3
.154
.087
.36 x 10-3
.151
Thermal Shock Resistance11
Potted Washer Olyphant Test
(3M Test Method C-3174)
+100°C [air] to -50°C [liquid])
Pass 5 cycles
without cracking
Pass 5 cycles
without cracking
Electrical
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Gray
Dielectric Constant @ 1 KHZ @ 23°C
(ASTM D 150)
6.3
6.3
Dissipation Factor @ 1 KHZ @ 23°C
(ASTM D 150)
0.14
0.13
Dielectric Strength
(ASTM D 149) Sample Thickness Approx. 30 mil
765 volts/mil
680 volts/mil
Volume Resistivity
(ASTM D 257)
1.2 x 1011 ohm-cm
1.0 x 1011 ohm-cm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com