Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP125 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 3 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3MScotch-Weld
Epoxy Adhesives
DP125 Translucent and Gray
- 3 -
Typical Adhesive
Performance
Characteristics
Footnotes:
12. Overlap shear (OLS) strengths
were measured on 1 in. wide 1/2
in. overlap specimens. These
bonds were made individually
using 1 in. x 4 in. pieces of
substrate. The thickness of the
bond line was 0.005-0.008 in. All
strengths were measured at 70°F
except were noted. (Test per ASTM
D 1002-72.)
The separation rate of the testing
jaws was 0.1 in. per minute for
metals, 2 in. per minute for plastics
and 20 in. per minute for rubbers.
The thickness of the substrates
were: steel, 0.060 in.; other metals,
0.05-0.064 in.; rubber, 0.125in.;
plastics, 0.125 in.
The following product performance data was obtained in the 3M laboratory under the
conditions specified. The following data show typical results obtained with the 3M™
Scotch-Weld™ Adhesives when applied to properly prepared substrates, cured, and
tested according to the specifications indicated. The data was generated using the 3M™
EPX Applicator System equipped with an EPX applicator static mixer, according to
manufacturer’s directions. Thorough hand mixing should afford comparable results.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (OLS) to12
(Bonds cured 24 hrs @ RT + 2 hrs 160°F)
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Translucent
3M™ Scotch-Weld™
Epoxy Adhesive
DP125 Gray
Etched Aluminum
2500 psi
3400 psi
Sanded Aluminum (60 grit)
1400 psi
2200 psi
Cold Rolled Steel
1500 psi
1900 psi
Wood, Fir
700 psi
900 psi
Glass, Borosilicate
250 psi
400 psi
Glass, +3M™ Scotch-Weld™ Primer 3901
200 psi
250 psi
Polycarbonate
700 psi
880 psi
Acrylic
420 psi
550 psi
Fiberglass
1200 psi
1800 psi
ABS
460 psi
520 psi
PVC
500 psi
750 psi
Polypropylene
25 psi
60 psi
Rate of Strength Buildup
(OLS on Etched Aluminum)12
Bonds tested after:
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Gray
3 hrs @ RT
100 psi
250 psi
6 hrs @ RT
300 psi
500 psi
1 day @ RT
1300 psi
1700 psi
1 wk @ RT
1900 psi
2300 psi
1 mo @ RT
2050 psi
3300 psi
Environmental Aging
(OLS on Etched Aluminum)12
Bonds tested after:
`
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Gray
24 hrs RT + 2 hrs @ 160°F
2300 psi
4500 psi
24 hrs RT + 2 hrs @ 240°F
3300 psi
5000 psi
1 wk RT + 1 wk @ 90°F/90% RH
2600 psi
3500 psi
1 wk RT + 1 wk 248°F
4600 psi
5400 psi
1 wk RT + 1 wk H2O Immersion
2100 psi
3000 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com