Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP270 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP270
Description  Scotch-WeldTM Epoxy Potting Compound/Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP270 Datasheet(HTML) 4 Page - 3M Electronics

  DP270 Datasheet HTML 1Page - 3M Electronics DP270 Datasheet HTML 2Page - 3M Electronics DP270 Datasheet HTML 3Page - 3M Electronics DP270 Datasheet HTML 4Page - 3M Electronics DP270 Datasheet HTML 5Page - 3M Electronics DP270 Datasheet HTML 6Page - 3M Electronics DP270 Datasheet HTML 7Page - 3M Electronics DP270 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Potting Compound/Adhesive
DP270 Clear and Black
- 4 -
Typical Cured
Properties (continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Corrosion:
Per ASTM D-3482
(35°C/95°F/96% R.H./45V d.c./15 days)
Pass - No copper corrosion
Per 3M Test Method C-708
(45°C/113°F/96% R.H./250V d.c./5 days)
Pass - No copper corrosion
(65°C/149°F/96% R.H./250V d.c./4 days)
Pass - No copper corrosion
Per Mil S-46163
(10 days/50% R.H./23°C/73°F)
Pass - No aluminum, brass or steel
discoloration or corrosion
Solvent Resistance:
(Visual check after immersion in specified solvent at 23°C (73°F)
Acetone
1 Hour
B
1 Month
C
Isopropyl Alcohol
A
B
Freon TF
A
A
Freon TMC
B
C
1,1,1-Trichloroethane
A
C
RMA Flux
A
B
Key: A - Unaffected
B - Slight Attack
C - Moderate/Severe Attack
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Although 3M™ Scotch-Weld™ Epoxy Potting Compound/Adhesive DP270 and 270
B/A can be used for many potting and encapsulation applications, they can also be used
as adhesives. The following shows typical shear and peel values determined on several
common substrates:
Overlap Shear Adhesion (ASTM D-1002-72)
Curing Conditions
7 days / 73°F (23°C)
Alum. /Alum. (etched)
@-67°F (-55°C)
@73°F (23°C)
@180°F (82°C)
1200-1250 psi
2450-2500 psi
300-350 psi
FR-4 / FR-4 (MEK Wiped)
@73°F (23°C)
1750-1800 psi
Copper / Copper (MEK Wiped)
@73°F (23°C)
1700-1750 psi
90° T-Peel Adhesion (ASTM D-1876-61T)
Alum. /Alum. (etched)
@73°F (23°C)
< 2 piw
Compression Strength (ASTM D-695-68T)
Scotch-Weld epoxy potting compound/adhesive
DP270 Clear and Black
@73°F (23°C)
8100 psi



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com