Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP270 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP270
Description  Scotch-WeldTM Epoxy Potting Compound/Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP270 Datasheet(HTML) 2 Page - 3M Electronics

  DP270 Datasheet HTML 1Page - 3M Electronics DP270 Datasheet HTML 2Page - 3M Electronics DP270 Datasheet HTML 3Page - 3M Electronics DP270 Datasheet HTML 4Page - 3M Electronics DP270 Datasheet HTML 5Page - 3M Electronics DP270 Datasheet HTML 6Page - 3M Electronics DP270 Datasheet HTML 7Page - 3M Electronics DP270 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Potting Compound/Adhesive
DP270 Clear and Black
- 2 -
Typical Cured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Physical:
Color
Refractive Index @ 25°C (77°C)
Cure Shrinkage
Shore D Hardness
(ASTM D-2240)
Tack-free Time
UL Rating
Cure Time
Clear or Black
Clear 1.656
.08%
83
Approx. 3 hrs. @ 23°C (73°F)
94 HB (File No. E61941)
48 hrs. @ 23°C (73°F)
Thermal:
Weight Loss by TGA (in air)
Thermal Coefficient of Expansion by TMA
Below Tg
Above Tg
Glass Transition Temperature by DSC
Onset
Mid-Point
Thermal Conductivity
(@ 110°F on .250" samples)
BTU - ft./ft.2 - hr. - °F
Cal./sec. - cm - °C
Watt/m - °C
Thermal Shock Resistance
Potted Washer Olyphant Test
3M Test Method C-3174
+100°C (air) to -50°C (liquid)
1% @ 122°C (252°F)
5% @ 175°C (347°F)
10% @ 210°C (410°F)
80 x 10-6 units/unit/°C
5-30°C range (10-86°F range)
180 x 10-6 units/unit/°C
60-125°C range (140-257°F)
43°C (109°F)
49°C (120°F)
.103
.426 x 103
.177
Pass 5 Cycles without cracking
Electrical:
Dielectric Constant
(ASTM D-150)
Dissipation Factor
(ASTM D-150)
Dielectric Strength
(ASTM D-149)
Volume Resistivity
(ASTM D-257)
Insulation Resistance
(.8 mm/.8 mm comb pattern on FR-4)
60°C/96% R.H./100 volts d.c.)
Initial
1000 hrs.
3.5 @ 1 KHz @ 23°C (73°F)
.018 @ 1 KHz @ 23°C (73°F)
850 volts/mil
4.1 x 1014 ohm-cm
3 x 1013 ohms
2 x 1011 ohms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com