Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP270 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP270
Description  Scotch-WeldTM Epoxy Potting Compound/Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP270 Datasheet(HTML) 3 Page - 3M Electronics

  DP270 Datasheet HTML 1Page - 3M Electronics DP270 Datasheet HTML 2Page - 3M Electronics DP270 Datasheet HTML 3Page - 3M Electronics DP270 Datasheet HTML 4Page - 3M Electronics DP270 Datasheet HTML 5Page - 3M Electronics DP270 Datasheet HTML 6Page - 3M Electronics DP270 Datasheet HTML 7Page - 3M Electronics DP270 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Potting Compound/Adhesive
DP270 Clear and Black
- 3 -
Additional Electrical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Dissipation Factor
Versus Frequency
Dielectric Constant
Versus Frequency
.030
.025
.020
.015
3.8
3.6
3.4
3.2
.010
100Hz
1 KHz
10 KHz
100 KHz
1 MHz
FREQUENCY
3.0
100Hz
1 KHz
10 KHz
100 KHz
1 MHz
FREQUENCY
Insulation Resistance
.8 mm/.8 mm Comb Pattern
60°C (140°F)/95% RH/100 V d.c.
15
14
13
12
11
0
200
400
600
800
1000
HOURS
1200
*The numbers on the vertical axis represent the exponential power on
the 1 x 10 ohm notation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com