Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP810 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP810
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810 Datasheet(HTML) 5 Page - 3M Electronics

  DP810 Datasheet HTML 1Page - 3M Electronics DP810 Datasheet HTML 2Page - 3M Electronics DP810 Datasheet HTML 3Page - 3M Electronics DP810 Datasheet HTML 4Page - 3M Electronics DP810 Datasheet HTML 5Page - 3M Electronics DP810 Datasheet HTML 6Page - 3M Electronics DP810 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3M™ Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
- 5 -
Handling/Curing
Information
Directions for use:
Apply adhesive to clean, dry substrates, which are free of paint, oxide films, oils, dust,
mold release agents and all other surface contaminants. See the Surface Preparation
section for specific substrate preparation method.
48.5 ml cartridge:
Place Duo-Pak cartridge in 3M™ EPX Applicator. Remove cap. Dispense and
discard a small amount of adhesive to assure even ratio and free flow. Clear orifice if
necessary. Attach mixing nozzle. Apply adhesive to clean surfaces, join parts, secure
until adhesive sets.
200/400 ml cartridge:
While holding Duo-Pak cartridge in an upright position, remove and discard the insert
from the cartridge by unscrewing plastic nut and removing metal washer. Place
cartridge in a 1:1 200/400 ml EPX applicator. Dispense and discard a small amount of
adhesive to ensure even ratio and free flow. Attach mixing and nozzle and secure with
plastic retaining nut. Apply adhesive to clean surfaces, join parts, secure until adhesive
sets.
Clean-up:
Excess adhesive can be removed with solvent such as MEK*
.
part or bond line can be removed with isopropyl alcohol.*
Edge tack on a finished
*Note: When using solvents, extinguish all ignition sources and follow the
manufacturer’s precautions and directions for use.
Heat Cure:
Full cure can be attained by raising the bondline temperature to 120°F (49°C) for
30 minutes or to 150°F (66°C) for 10 minutes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com