Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP810 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP810
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810 Datasheet(HTML) 2 Page - 3M Electronics

  DP810 Datasheet HTML 1Page - 3M Electronics DP810 Datasheet HTML 2Page - 3M Electronics DP810 Datasheet HTML 3Page - 3M Electronics DP810 Datasheet HTML 4Page - 3M Electronics DP810 Datasheet HTML 5Page - 3M Electronics DP810 Datasheet HTML 6Page - 3M Electronics DP810 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3MScotch-Weld
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (psi)(2), tested @ 73°F (23°C)
3M™ Scotch-Weld™ Low Odor Acrylic Adhesive
Substrate
DP810
DP810 Black
DP810NS
Etched Aluminum
4200 CF
4200 CF
4200 CF
Abraded Aluminum
3900 CF
3750 CF
3700 CF
Bare Aluminum
3800 CF
3850 CF
4100 CF
CRS
3100 CF
3600 CF
3100 CF
Oily CRS
3450 CF
3450 CF
3500 CF
Stainless Steel
3400 CF
3500 CF
3400 CF
Green FRP
3800 CF
3000 CF
1900 CF
Acrylic
1100 SF
550 MM
700 SF
PVC
1000 SF
1000 SF
800 SF
Polycarbonate
850 MM
500 MM
500 MM
ABS
600 MM
700 MM
900 MM
Overlap Shear Strength (psi), tested @ temperature
Temperature
3M
™ Scotch-Weld™ Low Odor Acrylic Adhesive
DP810
DP810 Black
DP810NS
-20°F (-29°C)
1750 MM
2000 MM
1000 AF
75°F (24°C)
3650 CF
3550 CF
3700 CF
120°F (49°C)
2000 CF
2000 CF
2350 CF
180°F (82°C)
550 CF
500 CF
1000 CF
T-Peel Strength (piw)(3), tested @ 73°F (23°C)
Substrate
3M
™ Scotch-Weld™ Low Odor Acrylic Adhesive
DP810
DP810 Black
DP810NS
Etched Aluminum
30
20
23
SF = Substrate Failure/Break
CF = Cohesive Failure
AF = Adhesive Failure
MM = Mixed (Mode of AF and CF)
For footnotes, see Test Methods and Footnotes on Page 4.
- 2 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com