Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP810 Datasheet(PDF) 7 Page - 3M Electronics

Part # DP810
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810 Datasheet(HTML) 7 Page - 3M Electronics

  DP810 Datasheet HTML 1Page - 3M Electronics DP810 Datasheet HTML 2Page - 3M Electronics DP810 Datasheet HTML 3Page - 3M Electronics DP810 Datasheet HTML 4Page - 3M Electronics DP810 Datasheet HTML 5Page - 3M Electronics DP810 Datasheet HTML 6Page - 3M Electronics DP810 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3M™ Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
- 7 -
Storage
For maximum shelf life, store Duo-Pak cartridges and bulk containers at 32°F (0°C)
to 40°F (4°C). Do not freeze.
Shelf Life
When stored at the recommended temperatures in the original unopened
containers, this product has a shelf life of 15 months from date of manufacture
when in cartridges; and 12 months from date of manufacture when in pails.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Technical Information
The technical information, guidance, and other statements contained in this document or otherwise
provided by 3M are based upon records, tests, or experience that 3M believes to be reliable, but the
accuracy, completeness, and representative nature of such information is not guaranteed. Such
information is intended for people with knowledge and technical skills sufficient to assess and apply
their own informed judgment to the information. No license under any 3M or third party intellectual
property rights is granted or implied with this information.
Product Selection and Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. As a result, customer is solely responsible
for evaluating the product and determining whether it is appropriate and suitable for customer’s
application, including conducting a workplace hazard assessment and reviewing all applicable
regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select, and use a 3M
product and appropriate safety products, or to meet all applicable safety regulations, may result in injury,
sickness, death, and/or harm to property.
Warranty,
Limited Remedy,
and Disclaimer
Unless a different warranty is specifically stated on the applicable 3M product packaging or product
literature (in which case such warranty governs), 3M warrants that each 3M product meets the
applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, OR ARISING OUT OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a
3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M
’s option,
replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be
liable for any loss or damage arising from or related to the 3M product, whether direct, indirect, special,
incidental, or consequential (including, but not limited to, lost profits or business opportunity), regardless
of the legal or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or
strict liability.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/structuraladhesives
3M and Scotch-Weld are trademarks of
3M Company.
©3M 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com