Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8010 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 6 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3M™ Scotch-Weld™Structural Plastic Adhesive
DP8010 Blue • DP8010NS Blue
Page 6
Technical Information
The technical information, guidance, and other statements contained in this document or otherwise
provided by 3M are based upon records, tests, or experience that 3M believes to be reliable, but the
accuracy, completeness, and representative nature of such information is not guaranteed. Such information
is intended for people with knowledge and technical skills sufficient to assess and apply their own informed
judgment to the information. No license under any 3M or third party intellectual property rights is granted
or implied with this information.
Storage
Store product at 40°F (4°C). Do not freeze. Allow product to reach room
temperature prior to use.
Shelf Life
3M™ Scotch-Weld™ Structural Plastic Adhesives when stored in unopened
original containers kept at recommended storage conditions have a shelf life of 3
months for 55 gal. drums, 9 months for 5 gal. pails and 18 months in duo-pak
containers.
Precautionary
Information
For Additional
Information
Product Selection
and Use
Warranty, Limited
Remedy, and
Disclaimer
Limitation of
Liability
Refer to Product Label and Material Safety Data Sheet for health and safety
information before using this product. For additional health and safety information,
call 1-800-364-3577 or 651-737-6501.
To request additional product information or to arrange for sales assistance, call toll free 1-800-
362-3550 or visit www.3M.com/structuraladhesives.
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and
performance of a 3M product in a particular application. As a result, customer is solely responsible for
evaluating the product and determining whether it is appropriate and suitable for customer’s application,
including conducting a workplace hazard assessment and reviewing all applicable regulations and standards
(e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select, and use a 3M product and appropriate safety
products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm to
property.
Unless a different warranty is specifically stated on the applicable 3M product packaging or product
literature (in which case such warranty governs), 3M warrants that each 3M product meets the applicable
3M product specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR
CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY
OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR ARISING OUT OF
A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M product does not conform to this
warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund
of the purchase price.
Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be
liable for any loss or damage arising from or related to the 3M product, whether direct, indirect, special,
incidental, or consequential (including, but not limited to, lost profits or business opportunity), regardless of
the legal or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or strict
liability.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/structuraladhesives
3M and Scotch-Weld are trademarks of
3M Company.
3M 2017
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com