Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8010 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 3 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch-Weld™Structural Plastic Adhesive
DP8010 Blue • DP8010NS Blue
Page 3
Overlap Shear (psi)7, ASTM D1002
Overlap Shear (psi); Etched Aluminum, at Temperature7, ASTM D1002
Temperature
3M™ Scotch-
Weld™ Structural
Plastic Adhesive
DP8010 Blue
3M™ Scotch-
Weld™ Structural
Plastic Adhesive
DP8010NS Blue
-20°F (-29°C)
2000 mixed
2000 mixed
73°F (23°C)
1800 CF
1700 CF
120°F (49°C)
1000 mixed
700 mixed
150°F (66°C)
450 AF
340 AF
180°F (82°C)
300 AF
100 AF
6. Overlap shear values measured using ASTM D1002; adhesives allowed to cure for 7 days at room temperature;
½” overlap; 0.010” bond line thickness; samples pulled at 0.1 in/min for metals and 2 in/min for plastics; all
surfaces prepared with light abrasion and solvent clean; substrates used were 1/16” thick aluminum and 1/8” thick
plastics; failure modes: AF: adhesive failure CF: cohesive failure SF: substrate failure mixed: AF/CF
Substrate
3M™ Scotch-
Weld™ Structural
Plastic Adhesive
DP8010 Blue
3M™ Scotch-
Weld™ Structural
Plastic Adhesive
DP8010NS Blue
Aluminum (MEK/abrade/MEK)
1960 CF
1780 CF
Cold-rolled steel
(MEK/abrade/MEK)
1800 CF
1870 CF
Stainless Steel (MEK/abrade/MEK)
1820 CF
1990 CF
Copper (MEK/abrade/MEK)
1870 CF
1500 CF
Galvanized steel (
MEK/abrade/MEK)
1330 CF
840 mixed
PP (IPA wipe)
1150 SF
1150 SF
LDPE (IPA wipe)
360 SF
360 SF
HDPE (IPA wipe)
1040 SF
1100 SF
UHMW-PE (IPA wipe)
770 CF
750 SF
Gelcoat (fiberglass--smooth side)
900 SF
1100 SF
Acrylic
1100 SF
1190 SF
PVC
1730 SF
1740 SF
PC
760 AF
740 AF
ABS
1250 SF
1240 SF
Polystyrene (HIPS)
580 SF
570 SF
FRP (Epoxy)
2830 CF
2860 CF
Acetal
90 AF
70 AF
SMC (Fiberglass--rough side)
760 SF
800 SF
Glass
530 SF
670 SF
PTFE (IPA/abrade/IPA)
320 AF
360 AF
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
Typical Cured
Physcial
Properties
(continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com