Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8010 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP8010
Description  Scotch-Weld™ Structural Plastic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP8010 Datasheet(HTML) 2 Page - 3M Electronics

  DP8010 Datasheet HTML 1Page - 3M Electronics DP8010 Datasheet HTML 2Page - 3M Electronics DP8010 Datasheet HTML 3Page - 3M Electronics DP8010 Datasheet HTML 4Page - 3M Electronics DP8010 Datasheet HTML 5Page - 3M Electronics DP8010 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch-Weld™Structural Plastic Adhesive
DP8010 Blue • DP8010NS Blue
Page 2
Typical Cured
Physical
Properties
Property
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010 Blue
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010 Blue
Color
Blue-Green
Full cure time
24 hours
Dispense
Viscosity (73°F)
25,000 cP
64,000 cP
Property
3M™ Scotch-Weld™
Structural Plastic
Adhesive DP8010 Blue
Physical
Shore D Hardness
Storage Modulus (DMA)
Tensile Strength (ASTM D638)
Tensile Modulus (ASTM D638)
Strain at Break (ASTM D638)
55-60
970 MPa
1300 PSI
77,000 PSI
90%
Thermal
Tg (Glass Transition
Temperature)
Coefficient of
Thermal Expansion
(in/in/°C)
(DMA)
Below Tg
Above
Tg
61°C
116
245
Electrical
Dielectric Strength (ASTM D 149)
Volume Resistivity ( (ASTM D 257)
Surface Resistivity (ASTM D257)
Dielectric Constant (ASTM D150)
Dissipation Factor (ASTM D150)
603 V/mil
4.10E+11 (Ω-cm)
8.00E+10 (Ω)
4.36 at 1 KHz
0.068 at 1 KHz
Typical Mixed
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes. Unless otherwise indicated,
all properties measured at 72°F (22°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com