Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7802A Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP7802A
Description  ??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7802A Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP7802A Datasheet HTML 1Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 2Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 3Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 4Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 5Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 6Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 7Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP7802A-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
LP7802A
应用原理图
VIN
4
VBAT
3
LED1
9
LED2
8
ISET
6
NTC
7
LX
16
VOUT1
14
VOUT2
13
IEND1
11
EN
12
IEND2
10
PMID
15
Vout1
Vout2
VBAT
VIN
4.7uH
LED
LED
RISET
10uF
RIEND1
RIEND2
68nF
68nF
1uF
10uF
1uF
1uF
GND
1,5
NC
2
RNTC_UP
RNTC_DN
ON
OFF
LP7802ASOF 应用电路图



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com