Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7802A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP7802A
Description  ??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7802A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP7802A Datasheet HTML 1Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 2Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 3Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 4Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 5Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 6Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 7Page - Lowpower Semiconductor inc LP7802A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP7802A-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
LP7802A
极限参数 注 1
VIN ------------------------------------------------------------------------------------------- -0.3V~30V
LX -------------------------------------------------------------------------------------------- -0.3V~12V
其他管脚 ---------------------------------------------------------------------------------------- -0.3V~7V
最高焊接温度(10秒)----------------------------------------------------------------------------- 260°C
储存温度 ------------------------------------------------------------------------------------ -55°C~150°C
最大结温 ------------------------------------------------------------------------------------------- 150°C
ESD 系数
人体模型(HBM) ----------------------------------------------------------------------------------- 2KV
机械模型(MM) ----------------------------------------------------------------------------------- 200V
注1:超出极限参数列出的参数值,可能会导致设备永久性损坏,长时间暴露于极限条件可能会影响设备的可靠性。
推荐工作条件
工作环境温度范围---------------------------------------------------------------------------- -20°C~80°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com