Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7804 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP7804
Description  ??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7804 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP7804 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 7Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP7804-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
LP7804
温度保护
LP7804的NTC管脚用于充电部分的电池高低温保护
设定。通过接热敏电阻至VIN与GND分压,使该管脚
电压VNTC与温度对应。当VNTC处于高温保护电压阈值
与低温保护电压阈值之间时,充电工作。处于阈值之
外说明温度过高或过低,芯片会关断充电部分以保护
芯片及电池。NTC管脚悬空时默认充电工作。
通过调整VIN与GND分压RNTC-UP、RNTC_DN电阻值,调
节电池高低温保护范围,计算公式如下:
(
)
(
)
(
)
(
)
(
)
其中K1(VNTC-H)=6%,K2(VNTC-L)=43%,RTL为
NTC低温保护温度对应电阻,RTH为NTC高温保护温度
对应电阻。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com