Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7804 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP7804
Description  ??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7804 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP7804 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 7Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP7804-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
LP7804
六合一耳机充电仓专用芯片
芯片介绍
LP7804是一款专为小容量锂电池充电/放电应用设计的
单芯片解决方案IC,集成了线性充电管理模块、同步升
压、控制模块、状态指示、负载识别、双路独立放电模
块;
充电管理内置过压保护功能,输入耐压高达30V,内置
功率MOS,充电电流外部可编程,最大充电电流1A,
充电器电流自适应功能,充电状态指示功能;
放电管理内置同步升压,双路独立负载接入识别、EN控
制开关功能;双路独立放电电流检测功能,电流外部可
编程,放电电流小于设定值自动截止放电;内置放电指
示、低电提示功能,双通道状态输出功能;
针对小容量锂电池系统的应用,提供简单易用的解决方
案;LP7804采用的封装形式为SSOP16。
标示信息
LP7804
F: 无铅
封装类型
SO:SSOP16
应用范围
TWS耳机仓
锂电池系统充电/放电应用
特点
待机功耗:23uA
高输入耐压:30V
线性充电,充电电流可编程
具有充电器电流自适应功能
智能恒温充电功能
同步升压输出5V
双通道独立自动识别负载功能
开关频率1MHz
放电效率高达93%
双路放电截止电流可编程
放电模块过流、短路、过温保护功能
内置充电、放电指示功能,低电量提示功能
丝印及包装信息
型号
丝印
封装
包装
LP7804SOF
LP7804
YWXXX
SSOP16
4K/盘
丝印标示:
Y:生产年份 W:生产周 X:批次号


Similar Part No. - LP7804

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP7800 POWER-LP7800 Datasheet
594Kb / 8P
雅붷릦訝???뷴뀉?듕퍜訝볡뵪??뎴
LP7800ASPF POWER-LP7800ASPF Datasheet
594Kb / 8P
雅붷릦訝???뷴뀉?듕퍜訝볡뵪??뎴
LP7800BSPF POWER-LP7800BSPF Datasheet
594Kb / 8P
雅붷릦訝???뷴뀉?듕퍜訝볡뵪??뎴
LP7800XSOF POWER-LP7800XSOF Datasheet
594Kb / 8P
雅붷릦訝???뷴뀉?듕퍜訝볡뵪??뎴
LP7801 POWER-LP7801 Datasheet
947Kb / 7P
擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
More results

Similar Description - LP7804

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3138 BOWIN-CDT3138 Datasheet
105Kb / 2P
訝됧?LED 雍멨눣?㎩댍IC
CDT3176 BOWIN-CDT3176 Datasheet
108Kb / 6P
訝됧? LED 雍멨눣?㎩댍 IC
CDT3189 BOWIN-CDT3189 Datasheet
110Kb / 4P
訝됧?LED 雍멨눣?㎩댍IC
CDT3220 BOWIN-CDT3220 Datasheet
85Kb / 1P
訝??LED 雍멨눣?㎩댍IC
CDT3255G BOWIN-CDT3255G Datasheet
96Kb / 3P
訝됧?LED 雍멨눣?㎩댍IC
CDT3261 BOWIN-CDT3261 Datasheet
122Kb / 4P
訝됧?LED ?덃끝雍멨눣?㎩댍IC
logo
Seaward Electronics Inc...
SE9025 SEAWARD-SE9025 Datasheet
516Kb / 7P
SE9025??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
logo
SHANGHAI BELLING CO., L...
BL4056B BELLING-BL4056B Datasheet
404Kb / 6P
1A ?뺠뒄?귞┿耶먪뵷黎좂봇?㎩뀉?든???IC 訝볡뵪
logo
Lowpower Semiconductor ...
LP7800 POWER-LP7800 Datasheet
594Kb / 8P
雅붷릦訝???뷴뀉?듕퍜訝볡뵪??뎴
LP7802A POWER-LP7802A Datasheet
658Kb / 8P
??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com