Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7804 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP7804
Description  ??릦訝???뷴뀉?듕퍜訝볡뵪??뎴
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7804 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

  LP7804 Datasheet HTML 1Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 2Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 3Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 4Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 5Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 6Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 7Page - Lowpower Semiconductor inc LP7804 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LP7804-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 8
LP7804
封装信息
SSOP16
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
--
--
1.75
A1
0.10
--
0.23
b
0.23
--
0.31
D
4.70
4.90
5.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
0.635BSC
c
0.19
--
0.25
L
0.50
--
0.80
θ
0
--
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com