Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28057A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28057A
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28057A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28057A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP28057A – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP28057A
Functional Pin Description
Package Type
Pin Configurations
ESOP-8
4
3
2
1
5
6
7
8
STAT2
VIN
NC
VSS
BAT
STAT1
EN
ISET
GND
9
Pin Description
PIN
PIN
Number
DESCRIPTION
1
NC
No Connector.
2
ISET
Charge Current Program and Charge Current Monitor Pin. The charge current is programmed
by connecting a 1% resistor, RISET, to ground. When charging in constant-current mode, this pin
servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current
using the following formula: IBAT=1000/RISET
3
VSS
VSS is the connection to system ground.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
BAT
BAT is the connection to the battery.
6
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin could be pulled
High by an external pull high resistor. When the charge cycle is completed, the pin is pulled
Low by an internal N-channel MOSFET.
7
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is completed, the pin could be pulled
High by an external pull high resistor.
8
EN
Chip enable pin. Charging when the pin is floating or connected to a high voltage. Discharge when
the pin pull low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com