Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28057A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28057A
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28057A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28057A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP28057A – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP28057A
1A Standalone Linear Li-Ion Battery Charger
General Description
The LP28057A is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its ESOP8
package and low external component count make the
LP28057A ideally suited for portable applications. Furthermore,
the LP28057A is specifically designed to work within USB
power specifications. No external sense resistor is needed, and
no blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP28057A automatically terminates the charge
cycle when the charge current drops to 1C/10th the
programmed value after the final float voltage is reached. When
the input supply (wall adapter or USB supply) is removed, the
LP28057A automatically enters a low current state, dropping
the battery drain current to less than 1µA. Other features
include charge current monitor, automatic recharge and a
status pin to indicate charge termination and the presence of an
input voltage.
Order Information
LP28057A
F: Pb-Free
Package Type
SP: ESOP-8
Default:4.2V
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Protection of Reverse Connection of Battery
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
1µA Supply Current in Shutdown
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Full
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
ISET
STAT2
VBAT
STAT1
Battery
CBAT
10uF
VIN
RSET
2K
VSS
CIN
10uF
VIN
EN
ON
OFF
Marking Information
Device
Marking
Package
Shipping
LP28057ASPF
LPS
LP28057A
YWX
ESOP-8
4K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP28057A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28052A POWER-LP28052A Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
More results

Similar Description - LP28057A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com