Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28057A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28057A
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28057A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28057A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP28057A – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP28057A
Electrical Characteristics
(The specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V,
unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
VIN
Adapter/USB Voltage Range
4.5
5
6.5
V
ICC
Input Supply Current
Standby Mode (Charge Terminated)
50
uA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RISET = 1k
1000
mA
RISET = 2k
500
Reverse Current, VBAT=-4.2V
1
Standby Mode, VBAT = 4.2V
Shutdown Mode (RISET NC)
1
uA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL
10
%IBAT
VTRIKL
Trickle Charge Threshold Voltage
RISET = 10k, VBAT Rising
2.9
V
VTR-HYS
Trickle Charge Hysteresis Voltage
RISET = 10k
100
mV
VUV
VIN Under voltage Lockout Threshold
From VIN Low to High
3.8
V
VUVHYS
VIN Under voltage Lockout Hysteresis
200
mV
VASD
VIN –VBAT Lockout Threshold Voltage
VIN from Low to High
150
mV
ITERM
Termination Current Threshold
RISET = 10k
10
%IBAT
RISET = 2k
VISET
ISET Pin Voltage
RISET = 10k, Current Mode
1.0
V
VSTAT
STAT Pin Output Low Voltage
ISTAT = 5mA
0.5
V
ISTAT
STAT1/2 Pin Weak Pull-Down Current
ICHRG = 5V
5
uA
ΔVRESTAT
Recharge Battery Threshold Voltage
VFLOAT - VRESTAT
200
mV
TLIM
Junction Temperature in Constant Temperature Mode
125
°C
RON
Power FET “ON” Resistance (Between VIN and BAT)
600
VEN-ON
EN Logic-High Voltage Threshold
1.4
V
VEN-OFF
EN Logic-Low Voltage Threshold
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com