Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 2 Page - Silicon Supplies

Part # TL431
Description  Adjustable Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TL431 Datasheet(HTML) 2 Page - Silicon Supplies

  TL431 Datasheet HTML 1Page - Silicon Supplies TL431 Datasheet HTML 2Page - Silicon Supplies TL431 Datasheet HTML 3Page - Silicon Supplies TL431 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Adjustable Voltage Reference – TL431
Rev 1.0
02/05/20
Symbol & functional block diagram
COORDINATES
(µm)
PAD
FUNCTION
X
Y
1
CATHODE
53
442
2
ANODE
325
437
3
REFERENCE
525
450
CONNECT CHIP BACK TO ANODE
 
760µm (29.92 mils)
1
2
3
0,0
Pad Layout and Functions
CATHODE (1)
2.5V REF
ANODE (2)
REFERENCE (3)
CATHODE (1)
ANODE (2)
REFERENCE (3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com