Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Silicon Supplies

Part # TL431
Description  Adjustable Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TL431 Datasheet(HTML) 1 Page - Silicon Supplies

  TL431 Datasheet HTML 1Page - Silicon Supplies TL431 Datasheet HTML 2Page - Silicon Supplies TL431 Datasheet HTML 3Page - Silicon Supplies TL431 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Adjustable Voltage Reference – TL431
 
 
 
 
 
 
 
 
Precision programmable Shunt Voltage Reference in bare die form
Programmable output voltage to 36V
±0.5% reference voltage tolerance at 25°C
Low dynamic output impedance: 0.27Ω Typ
Sink current capability: 1mA to 100 mA
Band-gap reference corrects temperature drift
Full military temperature range
Smaller die size than industry peers
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
760 x 600
30 x 24
µm
mils
Minimum Bond Pad Size
92 x 92
3.62 x 3.62
µm
mils
Die Thickness
280 (±20)
11 (±0.8)
µm
mils
Top Metal Composition
Al 1%Si 1.4µm
Back Metal Composition
N/A – Bare Si
Rev 1.0
02/05/20
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
Description
The TL431 three-terminal shunt reference combines
low temperature co-efficient zener band-gap regulation
with programmability. The device operates over a
wide 1mA to 100mA current range with voltage
adjustable from VREF (2.5V) to 36V, set via x2 external
resistors. With high temperature stability and typical
dynamic impedance of 0.27Ω, these references make
excellent replacements for zener diodes in many high
reliability applications. By default, the 2.5V VREF
provides a stable reference from 5V logic supplies.
The device is simple to implement, highly reliable and
can be used as either positive or negative reference.
Die Dimensions in µm (mils)
760 (30)
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
In Metal or Ceramic package – On request
Page 1 of 4 
www.siliconsupplies.com


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
Low-Voltage Adjustable Precision Voltage Reference
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431_07 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
logo
Silicon Supplies
TLV431W SS-TLV431W Datasheet
466Kb / 4P
Adjustable Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com