Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 3 Page - Silicon Supplies

Part # TL431
Description  Adjustable Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TL431 Datasheet(HTML) 3 Page - Silicon Supplies

  TL431 Datasheet HTML 1Page - Silicon Supplies TL431 Datasheet HTML 2Page - Silicon Supplies TL431 Datasheet HTML 3Page - Silicon Supplies TL431 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
 
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
PARAMETER
 
SYMBOL
VALUE
UNIT
Cathode to Anode Voltage
VKA
40
V
Cathode Current Range, Continuous
IK
-100 to +150
 
mA
Reference Input Current Range, Continuous
IREF
-0.05 to 10
mA
 
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature
TSTG
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference
input voltage
VREF
VKA = VREF, IK = 10mA
2.483
2.495
2.507
V
Reference
input voltage,
Deviation over
temperature range
ΔVREF
VKA = VREF, IK = 10mA,
-55˚C ≤ TA ≤ +125˚C
-
14
34
mV
IK = 10mA , ΔVKA = 10V to VREF
-0.4
-
-2.7
Ratio of change in
reference input
voltage to change
in cathode to anode
voltage
ΔVREF /
ΔVKA
IK = 10mA , ΔVKA = 36V to 10V
-0.4
-
-2.0
mV/V
IK = 10mA, R1 = 10kΩ, R2 = ∞
-
1.8
4
Reference
input current
IREF
IK = 10mA, R1 = 10kΩ, R2 = ∞,
-55˚C ≤ TA ≤ +125˚C
-
-
6.5
µA
Reference
input current,
Deviation over
temperature range
ΔIREF
IK = 10mA, R1 = 10kΩ, R2 = ∞
-
0.8
2.5
µA
Minimum cathode
current for regulation
IK(MIN)
VKA = VREF
0.25
0.5
mA
Off-State
cathode current
IK(OFF)
VKA = 36V, VREF = 0V
-
20
1000
nA
Dynamic impedance
│ZKA│
IK = 10mA to 100mA , f ≤ 1.0KHz
-
0.27
0.5
Ω
 
-65 to 150
°C
Adjustable Voltage Reference – TL431
Rev 1.0
02/05/20
PARAMETER
SYMBOL
MIN
MAX
UNIT
Cathode Voltage
VKA
0.06
36
V
Cathode Current
IK
0.5
100
mA
Ambient Operating Temperature Range
TA
-55 to 125
°C
Recommended Operating Conditions
Electrical Characteristics, T
A = 25°C, VKA = VREF, IK = 10mA unless otherwise stated
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
Page 3 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com