Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3318 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3318
Description  1MHz,36V/1.5A High Performance, Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3318 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3318 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP3318-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP3318
Absolute Maximum Ratings
Note 1
VIN&FB&EN Pin to GND ------------------------------------------------------------------------------------- -0.3V to 8V
LX to GND ------------------------------------------------------------------------------------------------------ -0.3V to 45V
Maximum Junction Temperature --------------------------------------------------------------------------------- 150°C
Operating Junction Temperature Range (TJ) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------------------------- −65°C to 165°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation ( PD,TA=25°C) --------------------------------------------------------------------- 0.5W
Thermal Resistance ---------------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(Vin=3.3V,Vout=10V,Cin=10uF,Cout=10uF,L=4.7uH)
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
2.7
6
V
Input Under Voltage Lock Out
VIN rising
2.3
V
UVLO Hysteresis Voltage
0.2
V
Output Voltage Range
2.7
36
V
Supply Current(Shutdown)
VEN= 0V
1
uA
Supply Current
VEN=HIGH,VFB=1.3V
400
uA
Feedback Voltage
1.23
V
Feedback Input Current
50
nA
Switching Frequency
1
MHz
Maximum Duty Cycle
85
90
95
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
High-side On Resistance
VIN=5V
400
MOSFET Current
1.5
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com