Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3318 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3318
Description  1MHz,36V/1.5A High Performance, Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3318 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3318 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LP3318-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 6
Preliminary Datasheet
LP3318
Operation Information
The LP3318 uses a boost regulator architecture to
regulate voltage at the feedback pin. At the start of
each oscillator cycle the MOSFET is turned on
through the control circuitry. When this voltage
equals The output voltage of the error amplifier the
power MOSFET is turned off. The voltage at the
output of the error amplifier is an amplified version of
the difference between the 1.23V bandgap reference
voltage and the feedback voltage. In this way the
peak current level keeps the output in regulation. If
the feedback voltage starts to drop, the output of the
error amplifier increases. These results in more
current to flow through the power MOSFET, thus
increasing the power delivered to the output.
TheLP3318 has internal soft start to limit the amount
of input current at startup and to also limit the amount
of overshoot on the output.
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
1.5A (Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.23V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
(
)
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40% of
the maximum input current. If the selection is 40%,
the maximum peak inductor current is
(
)
(
)
(
(
)
(
)
)
The minimum inductance value is derived from the
following equation:
(
)
(
(
))
(
)
Depending on the application, the recommended
inductor value is between 4.7μH to 10μH.
Diode Selection
To achieve high efficiency, Shottky diode is good
choice for low forward drop voltage and fast
switching time. The output diode rating should be
able to handle the maximum output voltage, average
power dissipation and the pulsating diode peak
current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com