Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3318 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3318
Description  1MHz,36V/1.5A High Performance, Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3318 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3318 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3318 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP3318-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP3318
1MHz,36V/1.5A High Performance, Boost Converter
General Description
The LP3318 is a boost DC-DC converter. Its PWM
circuitry with built-in 1.5A current power MOSFET
makes this converter highly power efficiently. The
LP3318 implements a constant frequency 1MHz PWM
control scheme. The high frequency PWM operation
also saves board space by reducing external
component sizes. The LP3318 features automatic
shifting to pulse frequency modulation mode at light
loads.Highly integration and internal compensation
network minimizes as 6 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low operation
current with high efficiency.
The LP3318 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP3318 is available in a small 5-pin SOT23-5
package.
Order Information
LP3318
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Battery products
Host Products
Panel
Features
2.7V-6V Input voltage
Up to 94% efficiency
Shut-down current:<1uA
Output voltage Up to 36V
Internal Compensation, Soft-start
1MHz fixed frequency switching
High switch on current:1.5A
Available in SOT23-5 Package
Typical Application Circuit
VIN
EN
FB
LX
5
4
1
3
2
GND
VOUT
VIN
4.7uH
C2
10uF
R1
72KΩ
R2
10KΩ
C1
10uF
Marking Information
Device
Marking
Package
Shipping
LP3318B5F LPS
FrYWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3318

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310B6F POWER-LP3310B6F Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310QVF POWER-LP3310QVF Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8607 MAXIM-MAX8607 Datasheet
582Kb / 10P
1MHz PWM Boost Converter for 1.5A White LED Camera Flash
Rev 1; 2/07
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
Monolithic Power System...
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com