Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet (PDF) - Maxim Integrated Products

MAX8607 Datasheet PDF - Maxim Integrated Products
Part # MAX8607
Download  MAX8607 Download
File Size   582.09 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz PWM Boost Converter for 1.5A White LED Camera Flash

MAX8607 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8607 Datasheet PDF - Maxim Integrated Products

Part # MAX8607
Download  MAX8607 Click to download

File Size   582.09 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz PWM Boost Converter for 1.5A White LED Camera Flash

MAX8607 Datasheet (HTML) - Maxim Integrated Products


MAX8607 Product details

General Description
The MAX8607 white LED boost converter is optimized for camera flash/strobe applications using high-current white LEDs. The MAX8607 integrates a 1MHz PWM boost converter, 1.5A low-dropout (LDO) current regulator, and logic control circuitry for a space-saving LED flash design. Two logic inputs control four modes of operation: shutdown mode reduces the quiescent current to 0.1µA (typ), movie mode supplies up to 360mA of LED current for continuous lighting, flash mode supplies up to 1.5A of LED current for short-duration lighting during an exposure, and disco mode supplies +5V (at up to 1A) to external circuits while driving the LED with a fixed 80mA current.

Features
♦ Supports Lumileds and Other High-Power White LEDs
♦ Independently Set Flash/Movie Currents
    Flash-Mode Current Up to 1.5A
    Movie-Mode Current Up to 360mA
♦ Disco Mode with Fixed 5V (Up to 1A) and 80mA LED Current
♦ 84% Efficiency (PLED / PBATT) at 1.1A
♦ TA Derating Function for LED Thermal Protection
♦ Output Overvoltage Protection (OVP)
♦ Soft-Start Eliminates Inrush Current
♦ 1MHz PWM Operation at All Loads
♦ Small External Components
♦ 2.7V to 5.5V Input Voltage Range
♦ 0.1µA Shutdown Mode
♦ 14-Pin, 3mm x 3mm TDFN Package

Applications
    Camera Flashes/Strobes
    Cell Phones/Smartphones
    PDAs and Digital Cameras




Similar Part No. - MAX8607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX860 MAXIM-MAX860 Datasheet
174Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX860-MAX861 MAXIM-MAX860-MAX861 Datasheet
142Kb / 12P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600 Datasheet
184Kb / 13P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
More results


Similar Description - MAX8607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Seaward Electronics Inc...
SE3510 SEAWARD-SE3510 Datasheet
415Kb / 7P
1MHz, 3A, Boost PWM Converter with QC2.0 interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
10 White LED Boost Converter
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Lowpower Semiconductor ...
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
1MHz,36V/1.5A High Performance, Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com