Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8607 Datasheet HTML 1Page - Maxim Integrated Products MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEN1 = VEN2 = 5V, VOUT = VOUTS = 4V, COUT = 10µF, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMP Input Resistance to GND
During shutdown or UVLO
140
250
Ω
LED TA Derating Function Threshold
Temperature when the LED current derating
function begins
+40
°C
LED TA Derating Function Slope
TA = +40°C to +85°C
-1.67
%/°C
EN1 and EN2 Logic-High Input Voltage
VOUTS = 2.7V to 5.5V
1.4
V
EN1 and EN2 Logic-Low Input Voltage
VOUTS = 2.7V to 5.5V
0.4
V
TA = +25°C
0.01
1
EN1 and EN2 Logic Input Bias Current
VEN_ = 5.5V
TA = +85°C
0.03
µA
LX n-Channel On-Resistance
ILX = 200mA
50
100
m
Ω
LX p-Channel On-Resistance
ILX = 200mA
100
200
m
Ω
TA = +25°C
0.01
1
LX Leakage
VLX = 5.5V
TA = +85°C
0.03
µA
Operating Frequency
0.8
1.0
1.2
MHz
Maximum Duty Cycle
65
75
%
Minimum Duty Cycle
48
%
Note 1: All devices are production tested at TA = +25°C. Specifications over temperature are guaranteed by design and characteri-
zation and not production tested.
Note 2: For temperatures below the thermal derating start point.
Typical Operating Characteristics
(Circuit of Figure 2, VIN = VEN1 = 3.6V, VEN2 = 0V, TA = +25°C, unless otherwise noted.)
FLASH-MODE BATTERY CURRENT
vs. INPUT VOLTAGE
0
500
1500
1000
3000
3500
2500
2000
4000
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
RFLSH = 4.02k
Ω
RFLSH = 8.06k
Ω
RFLSH = 3.01k
Ω
RFLSH = 2k
Ω
MOVIE-MODE BATTERY CURRENT
vs. INPUT VOLTAGE
0
100
300
200
500
400
600
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
RMOV = 2.00k
Ω
RMOV = 3.57k
Ω
RMOV = 6.49k
Ω
100
80
10
100
1000
BOOST CONVERTER EFFICIENCY
vs. LOAD CURRENT (DISCO MODE)
82
LOAD CURRENT (mA)
88
94
84
90
96
86
92
98
INCLUDES 83mA LED CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com