Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products MAX8607 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Mode-Select Inputs (EN1, EN2)
Drive EN1 high and EN2 low to enable movie mode. In
this mode, the current regulator regulates the current
through the LED to 1200 times the current set by the
MOV resistor. See the Setting the Movie-Mode Current
section for details on setting the movie-mode current.
Drive EN1 and EN2 high to enable flash mode. In this
mode, the current through the LED is regulated to 5000
times the current set by the FLSH resistor. See the
Setting the Flash-Mode Current section for details on set-
ting the flash-mode current. The time duration of the flash
mode must be set using external circuitry or software.
Drive EN1 low and EN2 high to enable disco mode. In
this mode, the output of the boost converter provides a
regulated +5V at up to 1A for external circuitry, while
the LED current is regulated to 80mA. The LED current
is not adjustable in this mode.
Drive EN1 and EN2 low to place the IC into a low-
power shutdown mode. See the Shutdown section for
more details.
Overvoltage Protection
The output voltage of the MAX8607 is limited by internal
overvoltage-protection (OVP) circuitry, which prevents
the output from exceeding 5.7V under any conditions.
In flash and movie modes, if the output voltage nears
5.5V, the LED current is smoothly reduced through pro-
prietary means to prevent overvoltage without sudden
termination of the output current. In case of an LED with
very high forward voltage (VF), this circuit provides
more reliable and repeatable flash than would a simple
on/off comparator. In disco mode, the output is limited
by the internal 5.0V regulation.
Undervoltage Lockout
The MAX8607 contains undervoltage-lockout (UVLO)
circuitry that disables the IC until VOUTS is greater than
2.38V. Prior to startup, VOUTS is one diode drop below
the input voltage. This ensures a great enough input
voltage for startup.
Soft-Start
The MAX8607 attains soft-start by charging CCOMP
with a 100µA current source. During this time, the inter-
nal MOSFET is switching at the minimum duty cycle.
Once VCOMP rises above 1V, the duty cycle increases
until output reaches the desired regulation level. COMP
is pulled to GND with a 140
Ω internal resistor during
UVLO, OVP, or shutdown. See the Typical Operating
Characteristics for an example of soft-start operation.
Shutdown
Drive EN1 and EN2 low to place the MAX8607 into a
low-power shutdown mode. In shutdown, supply cur-
rent is reduced to 0.1µA (typ). CCOMP is discharged
during shutdown, allowing the device to reinitiate soft-
start when it is enabled. The internal MOSFET and syn-
chronous rectifier are turned off during shutdown;
however, OUT is one body-diode drop below the input.
LED is high impedance so the external LED is off, but
any external circuitry on OUT is not disconnected and,
therefore, should include its own shutdown capability.
Typical shutdown timing characteristics are shown in
the Typical Operating Characteristics.
Ambient Temperature Derating Function
The MAX8607 limits the maximum LED current depend-
ing on its die temperature. Once the die temperature
reaches +40°C, the LED current decreases by 1.67%
per °C. This corresponds to approximately 0mA of LED
current at +100°C. Due to the package’s exposed pad-
dle, the die temperature is very close to the PC board
temperature. The temperature derating function allows
the LED current to be safely set higher at normal oper-
ating temperatures, thereby allowing either a brighter
flash or movie light to be used for normal ambient tem-
peratures. See the Typical Operating Characteristics
for a graph of LED Current vs. Ambient Temperature.
Applications Information
Setting the Movie-Mode Current
To set the LED current during movie mode, connect a
resistor from MOV to GND (RMOV). VMOV is regulated
to 0.6V and the current through RMOV is mirrored to
LED with a gain of 1200. RMOV is calculated as:
RMOV = (0.6V x 1200) / ILED(MOV)
Setting the Flash-Mode Current
To set the LED current during flash mode, connect a
resistor from FLSH to GND (RFLSH). VFLSH is regulated
to 0.6V and the current through RFLSH is mirrored to
LED with a gain of 5000. RFLSH is calculated as:
RFLSH = (0.6V x 5000) / ILED(FLSH)
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
_______________________________________________________________________________________
7
EN1
EN2
MODE
00
Shutdown
01
Disco Mode
10
Movie Mode
11
Flash Mode
Table 1. EN1 and EN2 Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com