Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products MAX8607 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Detailed Description
Boost Converter
The MAX8607 includes a fixed-frequency, PWM boost
converter that supplies the LED current. The output
voltage is adaptively controlled to provide adequate
headroom with varying LED forward voltage. The boost
converter switches an internal power MOSFET and syn-
chronous rectifier at a constant 1MHz frequency with
varying duty cycle up to 75% to maintain constant LED
current over the 2.7V to 5.5V input range. Internal spe-
cial circuits prevent any unwanted subharmonic switch-
ing in the critical buck/boost region.
LDO Current Regulator (LED)
A low-dropout (LDO) linear current regulator from LED
to LGND sinks current from the external LED’s cathode
terminal. The LED current is regulated to a user-pro-
grammable level. In movie mode, the current into LED
is regulated to 1200 times the current set by the MOV
resistor (RMOV). In flash mode, the current into LED is
regulated to 5000 times the current set by the FLSH
resistor (RFLSH). In disco mode, the current into LED is
regulated to 80mA.
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
6
_______________________________________________________________________________________
LX
PGND
COMP
EN1
EN2
FLSH
MOV
GND
FORCED-PWM
BOOST CONTROL
OUTS
OUT
REF
SHUTDOWN AND
MODE CONTROL
1MHz
CLOCK
FEEDBACK
SELECT
LDO
REGULATOR
LED
LGND
1.25V
MAX8607
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com