Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8607 Datasheet HTML 1Page - Maxim Integrated Products MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
_______________________________________________________________________________________
5
400
0
110
100
MOVIE-MODE LED CURRENT
vs. MOV RESISTANCE
100
RMOV (k
Ω)
200
300
50
150
250
350
1600
0
110
100
FLASH-MODE LED CURRENT
vs. FLSH RESISTANCE
400
RFLSH (k
Ω)
800
1200
200
600
1000
1400
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN = VEN1 = 3.6V, VEN2 = 0V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
COMP
Compensation Input. Connect a 0.1µF ceramic capacitor from COMP to GND for regulator stability.
2
EN1
Enable Input 1. EN1 and EN2 set the operating mode (see Table 1).
3
EN2
Enable Input 2. EN1 and EN2 set the operating mode (see Table 1).
4
MOV
Movie Current Program Input. Connect a resistor from MOV to GND to set the LED current in movie mode.
RMOV must be greater than 2k
Ω.
5
FLSH
Flash Current Program Input. Connect a resistor from FLSH to GND to set the LED current in flash mode.
RFLSH must be greater than 2k
Ω.
6
GND
Analog Ground. Connect GND to the exposed paddle directly under the IC.
7
LGND
LED Current Regulator Ground. Connect LGND to the ground plane on the PC board.
8
LED
LED Current Regulator. Connect LED to the cathode of the external LED. LED is high impedance during shutdown.
9, 10
PGND
Power Ground. Connect PGND to the input capacitor ground. Also, connect PGND to the PC board ground plane.
11, 12
LX
Inductor Connection. Connect LX to the switched side of the inductor. LX is internally connected to the
drains of the internal MOSFETs. Both MOSFETs are off during shutdown.
13
OUT
Regulator Output. Connect OUT to the anode of the external LED. Bypass OUT to PGND with a 10µF or
larger ceramic capacitor. During shutdown, OUT is one body-diode drop below the input voltage.
14
OUTS
Output Sense and IC Supply Input. Connect OUTS to OUT at the output bypass capacitor. The IC’s operating
power is supplied from OUTS.
—EP
Exposed Paddle. Connect the exposed paddle to GND directly under the IC and to a large PC board
ground plane for increased thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com