Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8607 Datasheet HTML 1Page - Maxim Integrated Products MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OUT, OUTS, EN1, EN2 to GND ................................-0.3V to +6V
FLSH, MOV, LED, COMP, LX to GND ....-0.3V to (VOUTS + 0.3V)
LGND, PGND to GND. ..........................................-0.3V to +0.3V
LX Current. ........................................................................2ARMS
Continuous Power Dissipation (TA = +70°C)
14-Pin TDFN 3mm x 3mm (derate 18.2mW/°C
above +70°C)..............................................................1455mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VEN1 = VEN2 = 5V, VOUT = VOUTS = 4V, COUT = 10µF, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
IC supplied from OUTS
2.7
5.5
V
Undervoltage-Lockout
Threshold
VOUTS rising, 100mV (typ) hysteresis
2.25
2.38
2.65
V
OUT Quiescent Current, Flash or Movie Mode
LX switching, ILED = 0mA
4
mA
TA = +25°C
0.1
1
OUT Quiescent Current, Shutdown Mode
EN1 = EN2 = GND
TA = +85°C
1
µA
Overvoltage limit, ILED = 0mA, VLED = 0V
5.3
5.5
5.7
VLED = 0.5V
3.65
3.85
3.95
OUT Regulation Voltage
Disco mode, ILED = 80mA
4.8
5.0
5.2
V
TA = +25°C
0.01
1
LED Current, Shutdown Mode
EN1 = EN2 = GND
TA = +85°C
0.5
µA
Flash mode
1200
1500
Movie mode
338
360
Current-Source Guaranteed Sink Current
RMOV = 2k
Ω,
RFLSH = 2k
Ω,
VLED = 0.5V
Disco mode
80
mA
Current-Source Multiplier in MOV Mode
(ILED / IMOV)
IMOV up to 300µA
1200
A/A
TA
≥ 0°C (Note 2)
-3
±0.5
+3
Current-Source Accuracy in MOV Mode
RMOV = 2k
Ω,
VLED = 0.5V
TA = -40°C
-6
±0.5
+6
%
MOV Current-Source Dropout Voltage
RMOV = 2k
Ω
48
100
mV
Disco Current-Source Current Setting
VEN1 = 0V, VEN2 = 5V
62
80
108
mA
Current-Source Multiplier in FLSH Mode
(ILED / IFLSH)
IFLSH up to 300µA
5000
A/A
Current-Source Accuracy in FLSH Mode
RFLSH = 2k
Ω, VLED = 0.5V, TA ≥ -40°C
(Note 2)
±3
%
FLSH Current-Source Dropout Voltage
RFLSH = 2k
Ω
200
420
mV
LX n-Channel Current Limit
4.4
A
MOV Regulation Voltage
600
mV
FLSH Regulation Voltage
600
mV
LED to COMP Transconductance
VCOMP = 1.5V
60
µS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com