Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8607 Datasheet HTML 1Page - Maxim Integrated Products MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8607 white LED boost converter is optimized
for camera flash/strobe applications using high-current
white LEDs. The MAX8607 integrates a 1MHz PWM
boost converter, 1.5A low-dropout (LDO) current regu-
lator, and logic control circuitry for a space-saving LED
flash design. Two logic inputs control four modes of
operation: shutdown mode reduces the quiescent cur-
rent to 0.1µA (typ), movie mode supplies up to 360mA
of LED current for continuous lighting, flash mode sup-
plies up to 1.5A of LED current for short-duration light-
ing during an exposure, and disco mode supplies +5V
(at up to 1A) to external circuits while driving the LED
with a fixed 80mA current.
The internal 1MHz boost converter features an adaptive
control scheme with an internal switching MOSFET and
synchronous rectifier to improve efficiency and mini-
mize external component count. The MAX8607 is avail-
able in a 14-pin, 3mm x 3mm TDFN package (0.8mm
max height).
Applications
Camera Flashes/Strobes
Cell Phones/Smartphones
PDAs and Digital Cameras
Features
♦ Supports Lumileds and Other High-Power
White LEDs
♦ Independently Set Flash/Movie Currents
Flash-Mode Current Up to 1.5A
Movie-Mode Current Up to 360mA
♦ Disco Mode with Fixed 5V (Up to 1A) and 80mA
LED Current
♦ 84% Efficiency (PLED / PBATT) at 1.1A
♦ TA Derating Function for LED Thermal Protection
♦ Output Overvoltage Protection (OVP)
♦ Soft-Start Eliminates Inrush Current
♦ 1MHz PWM Operation at All Loads
♦ Small External Components
♦ 2.7V to 5.5V Input Voltage Range
♦ 0.1µA Shutdown Mode
♦ 14-Pin, 3mm x 3mm TDFN Package
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
________________________________________________________________ Maxim Integrated Products
1
MAX8607
TDFN
3mm x 3mm
TOP VIEW
24
5
13
11
10
1
+
14
3
12
6
9
7
8
Pin Configuration
Ordering Information
LX
PGND
OUTPUT
LGND
COMP
FLSH
MOV
OUT
EN1
EN2
LED
INPUT
2.7V TO 5.5V
OUTS
UP TO 1.5A FLASH
UP TO 360mA MOVIE
GND
MODE-
SELECT
INPUTS
10
µF
10
µF
2.2
µH
MAX8607
Typical Operating Circuit
19-3783; Rev 1; 2/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART*
PIN-PACKAGE
TOP MARK
MAX8607ETD+
14 TDFN 3mm x 3mm
(T1433-1)
ABA
+Indicates lead-free package.
*The MAX8607ETD is characterized over the -40°C to +85°C
temperature range.


Similar Part No. - MAX8607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX860 MAXIM-MAX860 Datasheet
174Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX860-MAX861 MAXIM-MAX860-MAX861 Datasheet
142Kb / 12P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600 Datasheet
184Kb / 13P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
More results

Similar Description - MAX8607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Seaward Electronics Inc...
SE3510 SEAWARD-SE3510 Datasheet
415Kb / 7P
1MHz, 3A, Boost PWM Converter with QC2.0 interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
10 White LED Boost Converter
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Lowpower Semiconductor ...
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
1MHz,36V/1.5A High Performance, Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com