Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8607 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8607
Description  1MHz PWM Boost Converter for 1.5A White LED Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8607 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8607 Datasheet HTML 1Page - Maxim Integrated Products MAX8607 Datasheet HTML 2Page - Maxim Integrated Products MAX8607 Datasheet HTML 3Page - Maxim Integrated Products MAX8607 Datasheet HTML 4Page - Maxim Integrated Products MAX8607 Datasheet HTML 5Page - Maxim Integrated Products MAX8607 Datasheet HTML 6Page - Maxim Integrated Products MAX8607 Datasheet HTML 7Page - Maxim Integrated Products MAX8607 Datasheet HTML 8Page - Maxim Integrated Products MAX8607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1MHz PWM Boost Converter for 1.5A
White LED Camera Flash
4
_______________________________________________________________________________________
LED CURRENT
vs. AMBIENT TEMPERATURE
0
50
150
100
300
350
250
200
400
-40
0
20
-20
40
60
80
AMBIENT TEMPERATURE (
°C)
IC SUPPLY CURRENT
vs. INPUT VOLTAGE
0
100
300
200
600
800
700
900
500
400
1000
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
DISCO MODE
MOVIE MODE
FLASH MODE
SWITCHING WAVEFORMS
(MOVIE MODE)
MAX8607toc06
VIN
VLX
IL
VOUT
10mV/div
5V/div
100mA/div
20mV/div
400ns/div
SOFT-START RESPONSE
(STANDBY TO MOVIE-MODE TRANSITION)
MAX8607toc07
VEN1
VOUT
IIN
ILED
200mA/div
2V/div
100mA/div
5V/div
0A
0V
0A
0V
100
µs/div
SOFT-START RESPONSE
(MOVIE-MODE TO FLASH TRANSITION)
MAX8607toc08
VEN2
VOUT
IIN
ILED
200mA/div
2V/div
500mA/div
0A
0V
0A
5V/div
400
µs/div
LOAD TRANSIENT
(DISCO MODE)
MAX8607toc09
VOUT(RIPPLE)
IL0AD
100mA
500mV/div
700mA
2ms/div
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN = VEN1 = 3.6V, VEN2 = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com