Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4059 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4059
Description  Low standby power consumption 800mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4059 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4059 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP4059-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Preliminary Datasheet
LP4059
Typical Application Circuit
VCC
CHRG
GND
BAT
SLP
PROG
VIN
BAT
1MΩ
CIN
1uF
CBAT
1uF
RPROG
2KΩ
Battery
LED
Functional Pin Description
Package Type
SOT23-6
DFN-6
Pin Configurations
1
2
3
6
5
4
CHRG
GND
BAT
PROG
SLP
VCC
SOT23-6
(Top View)
6
5
4
1
2
3
7
(PAD)
CHRG
SLP
TDFN-6
(Top View)
BAT
PROG
GND
VCC
Pin Description
Pin
Name
Description
SOT23-6
DFN-6
6
1
PROG
Charge Current Program and Charge Current Monitor Pin. The charge current is programmed by
connecting a 1% resistor, RPROG, to ground. When charging in constant-current mode, this pin
servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current
using the following formula: IBAT=1000/RPROG
2
2
GND
Ground.
4
3
VCC
Positive Input Supply Voltage. Provide power to the charger. VCC can range from 4.5V to 6.5V
and should be bypassed with at least a 1µF capacitor. When VCC drops to within 30mV of the
BAT pin voltage, the LP4059 enters shutdown mode, dropping IBAT to less than1µA.
3
4
BAT
Charge Current Output. Provides charge current to the battery and regulates the final float voltage
to 4.2V. An internal precision resistor divider from this pin sets the float voltage.
5
5
SLP
Connect to the I/O port of the MCU and connect a 1Mohm resistor to the BAT pin.
1
6
/CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the LP4059 detects an under voltage lockout condition or
charge complete, CHRG is forced high impedance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com