Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4059 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4059
Description  Low standby power consumption 800mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4059 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4059 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LP4059-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Preliminary Datasheet
LP4059
Electrical Characteristics
(TA=25℃, VCC=5V, LP4059B5F,the specifications which apply over the full operating temperature range, unless otherwise noted.)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Adapter/USB Voltage Range
4.5
5
6.5
V
ICC
Input Supply Current
Standby Mode (Charge Terminated)
50
μA
SLP=High
1
VFLOAT
Regulated Output (Float) Voltage
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG=10k, Current Mode
80
100
120
mA
RPROG=2k, Current Mode
400
500
600
Reverse Current, VBAT=-4.2V
-1
Standby Mode, VBAT=4.2V
Shutdown Mode (RPROG NC)
Sleep Mode, VCC=0V
1
μA
VTRIKL
Trickle Charge Threshold Voltage
RPROG=10k, VBAT Rising
2.9
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL
20
mA
VTRHYS
Trickle Charge Hysteresis Voltage
RPROG=10k
180
mV
VUV
VCC Undervoltage Lockout Threshold
From VCC Low to High
3.8
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
500
mV
VASD
VCC–VBAT Lockout Threshold Voltage
100
mV
ITERM
Termination Current Threshold
RPROG=10k
30
%IBAT
RPROG=2k
30
VPROG
PROG Pin Voltage
RPROG=10k, Charge Mode
1
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG=5mA
0.6
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG=5V
5
uA
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT-VRECHRG
150
mV
TLIM
Junction Temperature in Constant
Temperature Mode
150
℃
RON
Power FET “ON” Resistance
(Between VCC and BAT)
500
mΩ
tSS
Soft-Start Time
IBAT=0 to IBAT=800/RPROG
200
μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com