Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4059 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4059
Description  Low standby power consumption 800mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4059 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4059 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4059 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP4059-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP4059
Low standby power consumption
800mA Linear Li-Ion Battery Charger
General Description
The LP4059 is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its
TDFN-6/SOT23-6 package and low external component count
make the LP4059 ideally suited for portable applications.
Furthermore, the LP4059 is specifically designed to work within
USB power specifications. No external sense resistor is needed,
and no blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4059 automatically terminates the charge cycle
when the charge current drops to 1/10th the programmed value
after the final float voltage is reached. The input current will be
less than 1µA at this time. When the input supply (wall adapter
or USB supply) is removed, the LP4059 automatically enters a
low current state, dropping the battery drain current to less than
1µA. Other features include charge current monitor, automatic
recharge and a status pin to indicate charge termination.
Order Information
LP4059
F: Pb-Free
Package Type
B6: SOT23-6
QV: TDFN-6
BAT Voltage
Default: 4.2V
Features
Programmable Charge Current Up to 800mA
Shutdown Current less than 1μA
No MOSFET, Sense Resistor or Blocking Diode Required
Protection of Reverse Connection of Battery
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
4.2V Charge Voltage with ± 1% Accuracy
Automatic Recharge
2.9V Trickle Charge Threshold
3/10C Charge Termination
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Marking Information
Part
Marking
Package
Shipping
LP4059QVF
LP4059
YWX
TDFN-6
4K/REEL
LP4059B6F
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.


Similar Part No. - LP4059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Lowpower Semiconductor ...
LP4054 POWER-LP4054 Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
logo
List of Unclassifed Man...
LP4054B5F ETC-LP4054B5F Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Lowpower Semiconductor ...
LP4054B5F POWER-LP4054B5F Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
More results

Similar Description - LP4059

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4060 ASIC-TP4060 Datasheet
878Kb / 14P
800mA linear lithium-ion battery charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com