Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5302 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP5302
Description  Over Voltage and Over Current Protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5302 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP5302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP5302-01
Sep.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP5302
Functional Pin Description
VOUT
GND
EN
VIN
NC
1
2
3
4
6
Top View
DRIVER
5
Pin Description
PIN
Name
Description
1
EN
Chip enable pin. Active low.
2
GND
Ground.
3
VIN
Input pin. A 1μF low ESR ceramic capacitor or larger must be connected as close as to
this pin. It is recommended to use 50V capacitor or according to application.
4
VOUT
Output pin.
5
DRIVER
External NMOS gate driver. It must be floating if the application does not use external
NMOS.
6
NC
No connection.
Function Diagram
DRVIER
EN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com