Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5302 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP5302
Description  Over Voltage and Over Current Protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5302 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP5302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP5302-01
Sep.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP5302
Absolute Maximum Ratings
Note 1
Input Voltage to GND ---------------------------------------------------------------------------------------------------- 36V
Output Voltage to GND ------------------------------------------------------------------------------------------------ 6.5V
DRIVER Voltage to GND ----------------------------------------------------------------------------------------------- 13V
Other Pin to GND ---------------------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-6, PD,TA=25℃) ------------------------------------------------------ 0.45W
Thermal Resistance (SOT23-6, θJA) ------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Typical Application Circuit with More Current Output
Note1
VIN
EN
VOUT
LP5302
VIN
CIN
22uF
VOUT
COUT
22uF
Chip
Enable
GND
With this NMOS we
could get more current.
Note1:With external NMOS, the OCP function is disabled.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com