Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5302 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP5302
Description  Over Voltage and Over Current Protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5302 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP5302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5302 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP5302-01
Sep.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP5302
Electrical Characteristics
VIN=5V,TA=25℃, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
DC characteristics and Power-ON-Reset
VIN
Input Voltage
3.5
36
V
IQ
Input quiescent current
EN=LOW, IOUT=0A
110
μA
ISD
EN=HIGH, IOUT=0A
1
RON
IN-to-OUT ON resistance
IOUT=1A
130
mΩ
RDISCHARGE
Output discharge resistance
4.3
kΩ
VEN(L)
Enable Threshold Low
Chip enable
0.4
V
VEN(H)
Enable Threshold High
Chip shutdown
1.4
V
UVLO
Under voltage lock out
threshold
VIN increasing from 0~5V
2.6
2.8
3
V
VHYS-UVLO
Under voltage lock out
hysteresis
VIN decreasing from 5~0V
500
mV
TON
Output power-on time
EN=LOW, VIN=0->5V to output ON
9
ms
Turn on through EN
EN=HIGH->LOW to output ON
9
Input Over-Voltage-Protection (OVP)
VOVP
OVP threshold
VIN increasing from 5~7V
5.8
6.1
6.4
V
VHYS-OVP
OVP hysteresis
VIN decreasing from 7~5V
300
mV
TOVP
OVP active time
VIN=5→10V
500
1000
ns
TON(OVP)
OVP recovery time
VIN=10→5V to output ON
9
ms
Input Over-Current-Protection (OCP)
IOCP
OCP threshold
2.1
2.5
A
TOCP
OCP active time
30
ms
VDRIVER
DRIVER Voltage
VIN=5V
9
V
TON(OCP)
OCP recovery time
1
s
Over-Temperature-Protection (OTP)
TOTP
OTP threshold
150
℃
TOTP_HYS
OTP hysteresis
20
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com