Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP66NET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP66NET
Description  6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP66NET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP66NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
Frequency compatibility
60 Hz
Output watts
1800
Output volt amp capacity
(amps)
15
Overload protection
15A resettable illuminated combo switch / circuit breaker
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Supports 2 large transformer plug accessories without covering remaining outlets, accepts up to 4
transformers total
Outlet safety covers
6
Outlet orientation
Block style with two rows of 3 outlets
INPUT
Recommended Electrical
Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2-position red illuminated on/off power switch
Diagnostic LEDs
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1080
AC suppression response
time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
UL1499 let through rating
400v
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet)
Protection
Yes
PHYSICAL
Shipping weight (lbs)
1.97
Unit Dimensions (HWD/in)
1.5 x 4.23 x 8.29
Shipping Dimensions
(HWD/in)
11.02 x 7.08 x 1.77



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com