Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP66NET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP66NET
Description  6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP66NET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP66NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tripp Lite
1111 West 35th Street
Chicago, IL 60609 USA
Telephone: +(773) 869 1234
E-mail: saleshelp@tripplite.com
Model #: TLP66NET
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
Highlights
6 outlets / 6ft cord
1080 joule rating
Ethernet Surge protection
$25,000 Ultimate Lifetime Insurance (USA, Canada & Puerto Rico only)
Description
Tripp Lite's TLP66NET surge suppressor has 6 outlets, a 6-ft. cord and diagnostic LEDs. The unit has a surge suppression rating of 1080 joules to
handle the strongest surges. Built-in RJ45 jacks prevent surges from damaging your network equipment (6ft network cable included). $25,000
Ultimate Lifetime Insurance (USA, Canada & Puerto Rico only).
Applications
Personal computers, modems, CAD/CAM/CAE workstations, network nodes, fileservers, point-of-sale terminals and more.
Package Includes
TLP66NET
6ft. network cable
Instruction manual with warranty information
Features
6 outlets with integrated child safety covers
6ft cord
Built-in RJ45 jacks prevent surges from damaging your netowrk equipment (6ft. network cable included)
Surge suppression rating: 1080 joules
EMI/RFI noise filtering
Can accomodate up to 2 transformers without blocking remaining outlets
Diagnostic LEDs indicate protection present & ground present
Keyhole supports for wall mounting
Lighted power switch
Lifetime product warranty
$25,000 Ultimate Lifetime Insurance (USA, Canada & Puerto Rico only)
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networks


Similar Part No. - TLP66NET

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP665J TOSHIBA-TLP665J Datasheet
220Kb / 6P
Household Use Equipment
TLP665JF TOSHIBA-TLP665JF Datasheet
96Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665JF TOSHIBA-TLP665JF Datasheet
152Kb / 2P
Household Use Equipment
More results

Similar Description - TLP66NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
7 outlet black strip, 540 joules Protect It! Surge Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com