Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP66NET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP66NET
Description  6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP66NET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP66NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP66NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit weight (lbs)
1.32
Material of construction
Plastic
Integrated keyhole mounting
tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Gray
AC line cord color
Gray
Style
Block
SPECIAL FEATURES
Right-Angle Plug
No
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
Industry Canada
(Communications)
Industry Canada
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period
(U.S., Canada & Puerto Rico)
Lifetime limited warranty
Connected Equipment
Insurance (U.S., Canada &
Puerto Rico)
$25,000 Ultimate Lifetime Insurance
More information, including related products, owner's manuals, and additional technical specifications, can be found online at
www.tripplite.com/en/products/model.cfm?txtModelID=4840.
Copyright © 2011 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous
improvement. Specifications are subject to change without notice. Photos may differ slightly from final products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com