Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP76MSG Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP76MSG
Description  6 individually controlled eco outlets plus 1 always on outlet, 6-ft cord, 1080 joules ECO-SURGE Home/Business Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP76MSG Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP76MSG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Volt Amp Capacity
(VA)
120
Output Watt Capacity (watts)
1800
Frequency compatibility
60 Hz
Outlet quantity / type
7 x NEMA 5-15R
Outlet Type
Single row of right angle outlets
Transformer accommodation
Supports 1 large transformer without covering remaining outlets, accepts up to 4 transformers total
INPUT
Nominal Input Voltage(s)
Supported
120V AC
Recommended Electrical
Service
120V (110-125V)
Input connection type
NEMAP - NEMA5-15P
Input cord length (ft.)
6
Input cord length (m)
1.83
Input cord gauge, type
14 AWG, 3 COND, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
72000
LEDS ALARMS & SWITCHES
LED Indicators
Protected (Green)" & Always On Receptacle (Red)
Switches
1 x Lighted Master Switch & 6 x Lighted Receptacle Switches
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1080
AC suppression response
time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression.
Clamping voltage (RMS)
150
UL1449 let through rating
400v
EMI / RFI filtering
Up to 40dB
PHYSICAL
Shipping Dimensions
(HWD/in)
17.2 x 4.24 x 2
Shipping Dimensions
(HWD/cm)
43.69 x 10.77 x 5.08
Shipping weight (lbs)
1.76
Shipping weight (kg)
0.80
Unit Dimensions (HWD/in)
1.40 x 3.40 x 15
Unit Dimensions (HWD/cm)
3.56 x 8.64 x 38.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com