Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP76MSG Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP76MSG
Description  6 individually controlled eco outlets plus 1 always on outlet, 6-ft cord, 1080 joules ECO-SURGE Home/Business Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP76MSG Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP76MSG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit weight (lbs)
1.54
Unit weight (kg)
0.70
Material of construction
Plastic
Integrated keyhole mounting
tabs
Keyhole mounting slots enable wall mounting
AC line cord color
Cool Gray
Style
Strip
SPECIAL FEATURES
Green & high efficiency
features
Individually controllable outlets
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
Connected Equipment
Insurance (U.S., Canada &
Puerto Rico)
$25,000 Ultimate Lifetime Insurance
More information, including related products, owner's manuals, and additional technical specifications, can be found online at
www.tripplite.com/en/products/model.cfm?txtModelID=4983.
Copyright © 2013 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous
improvement. Specifications are subject to change without notice. Photos may differ slightly from final products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com