Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP76MSG Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP76MSG
Description  6 individually controlled eco outlets plus 1 always on outlet, 6-ft cord, 1080 joules ECO-SURGE Home/Business Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP76MSG Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP76MSG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP76MSG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tripp Lite
1111 West 35th Street
Chicago, IL 60609 USA
Telephone: +(773) 869 1234
E-mail: saleshelp@tripplite.com
Model #: TLP76MSG
6 individually controlled eco outlets plus 1 always on outlet, 6-ft cord, 1080 joules ECO-SURGE
Home/Business Surge Suppressor
Highlights
Individual outlet control
1080 joules
7 outlet / 6-ft cord
Diagnostic LEDs
$25,000 Ultimate Lifetime Insurance (USA and Canada Only)
Description
Tripp Lite's TLP76MSG offers reliable, GREEN surge technology that protects your computer and peripherals as well as the environment and your
wallet. Energy-saving outlet configuration reduces energy waste (phantom loads) by cutting AC power to unused peripherals. The TLP76MSG has
one always on outlet for those peripherals that need constant power like a fax machine, DVR or router. It also offer convenient, individual outlet
switches that allow users to select which device is turned on and off. The TLP76MSG has 7 total outlets, 6 foot cord and diagnostic LEDs to warn of
wiring problems and suppressor damage. Network-grade AC suppression rated at 1080 joules shields equipment from surges and line noise.
Designed with an attractive cool gray suppressor housing, the TLP76MSG can accommodate up to 4 transformer plug outlets offering convenient
protection of desktop computer equipment and accessories. $25,000 connected equipment insurance (USA and Canada Only).
Applications
Ideal for any desktop, network or home computing application requiring AC protection
Package Includes
TLP76MSG ECO-SURGE Home/Business Theater Surge Suppressor
Instruction manual with warranty information
Features
Energy-saving green outlets allow individual outlet control using illuminated power switches for cutting power to peripherals not in use.
Six green outlets have their own illuminated ON/OFF switch for cutting power to peripherals when they are not in use. One "Always On"
outlet provides continuous power for devices such as DVRs (TiVo), cable and satellite boxes, modems, routers and fax machines.
In addition to the individual illuminated outlet switches, an illuminated Master Switch controls power to all outlets (except the Always On
outlet) at once. It can override other "ON" settings to cut power to all switched outlets at once.
Protected (Green) LED assures protection is present & Always On (Red) LED indicates that the Always On outlet is receiving power.
1080 joules surge suppression rating with EMI/RFI line noise filtering help components perform at their peak (sharper, crisper video; deeper,
fuller audio and longer component life spans).
.
Specifications
OVERVIEW
Intended Application
Green (Energy Saving)
OUTPUT


Similar Part No. - TLP76MSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
128Kb / 2P
GaAs Ired & Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
GaAs Ired & Photo−Triac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Similar Description - TLP76MSG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR6 ETC2-ISOBAR6 Datasheet
499Kb / 5P
Premium Isobar Surge Suppressor with 6 outlets and a 6-ft. cord
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP404 ETC2-TLP404 Datasheet
500Kb / 4P
4 outlets, 4-ft cord, 450 joules Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP1210SATG ETC2-TLP1210SATG Datasheet
528Kb / 5P
12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com