Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5500 Datasheet(PDF) 45 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 45 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 41Page - WIZnet Co., Ltd W5500 Datasheet HTML 42Page - WIZnet Co., Ltd W5500 Datasheet HTML 43Page - WIZnet Co., Ltd W5500 Datasheet HTML 44Page - WIZnet Co., Ltd W5500 Datasheet HTML 45Page - WIZnet Co., Ltd W5500 Datasheet HTML 46Page - WIZnet Co., Ltd W5500 Datasheet HTML 47Page - WIZnet Co., Ltd W5500 Datasheet HTML 48Page - WIZnet Co., Ltd W5500 Datasheet HTML 49Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
W5500 Datasheet Version1.0.9
45 / 66
When this bit is ‘1’, It sends the ACK packet without delay as soon as a
Data packet is received from a peer. When this bit is ‘0’, It sends the ACK
packet after waiting for the timeout time configured by RTR.
Multicast
0 : using IGMP version 2
1 : using IGMP version 1
This bit is applied only during UDP mode(P[3:0] = ‘0010’) and MULTI = ‘1’.
It configures the version for IGMP messages (Join/Leave/Report).
Multicast Blocking in MACRAW mode
0 : disable Multicast Blocking
1 : enable Multicast Blocking
This bit is applied only when MACRAW mode(P[3:0] = ‘0100’). It blocks to
receive the packet with multicast MAC address.
4
UCASTB
MIP6B
UNICAST Blocking in UDP mode
0 : disable Unicast Blocking
1 : enable Unicast Blocking
This bit blocks receiving the unicast packet during UDP mode(P[3:0] =
‘0010’) and MULTI = ‘1’.
IPv6 packet Blocking in MACRAW mode
0 : disable IPv6 Blocking
1 : enable IPv6 Blocking
This bit is applied only during MACRAW mode (P[3:0] = ‘0100’).
It blocks to
receiving the IPv6 packet.
3
P3
Protocol
This configures the protocol mode of Socket n.
P3
P2
P1
P0
Meaning
0
0
0
0
Closed
0
0
0
1
TCP
0
0
1
0
UDP
0
1
0
0
MACRAW
* MACRAW mode should be only used in Socket 0.
2
P2
1
P1
0
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com